Part Number Hot Search : 
2SA1774 301KD07X D133D EF1C509 16M86VBB LX5514LL DVFL28 L239E
Product Description
Full Text Search
 

To Download DDTA113TE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTA (R1-ONLY SERIES) E
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * * * Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistor, R1 only Lead Free/RoHS Compliant (Note 2) "Green" Device (Note 3 and 4)
B G H K M A C TOP VIEW E BC
NEW P R ODUC T
SOT-523 Dim A B C Min 0.15 0.75 1.45 0.90 1.50 0.00 0.60 0.10 0.10 0.45 0 Max 0.30 0.85 1.75 1.10 1.70 0.10 0.80 0.30 0.20 0.65 8 Typ 0.22 0.80 1.60 0.50 1.00 1.60 0.05 0.75 0.22 0.12 0.50
Mechanical Data
* * * * * * * * * Case: SOT-523 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Terminal Connections: See Diagram Marking & Date Code Information: See Diagrams & Page 4 Ordering Information: See Page 4 Weight: 0.002 grams (approximate)
N
D G
J
D
L
H J K L M
R1
P/N DDTA113TE DDTA123TE DDTA143TE DDTA114TE DDTA124TE DDTA144TE DDTA115TE DDTA125TE R1 (NOM) 1K 2.2K 4.7K 10K 22K 47K 100K 200K MARKING P01 P03 P07 P12 P16 P19 P23 P25 @TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC (Max) Pd (Note 1) RJA Tj, TSTG
C
N
B
All Dimensions in mm
E SCHEMATIC DIAGRAM
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation
Characteristic
Value -50 -50 -5 -100 150 833 -55 to +150
Unit V V V mA mW C/W C
Thermal Resistance, Junction to Ambient Air Operating and Storage Temperature Range
Notes:
1. Mounted on FR4 PC Board with recommended pad layout as shown on Diodes Inc., suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf 2. No purposefully added lead. 3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 4. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30319 Rev. 6 - 2
1 of 4 www.diodes.com
DDTA (R1-ONLY SERIES) E
(c) Diodes Incorporated
Electrical Characteristics
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage
@TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO IEBO Min -50 -50 -5 Typ Max -0.5 -0.5 Unit V V V A A IC = -50A IC = -1mA IE = -50A VCB = -50V VEB = -4V IC/IB = -10mA/-1mA IC/IB = -5mA/-0.5mA IC/IB = -2.5mA/-.25mA IC/IB = -1mA/-.1mA IC/IB = -5mA/-0.5mA IC/IB = -2.5mA/-.25mA IC/IB = -1mA/-0.1mA IC/IB = -.5mA/-.05mA IC = -1mA, VCE = -5V VCE = -10V, IE = 5mA, f = 100MHz DDTA113TE DDTA123TE DDTA143TE DDTA114TE DDTA124TE DDTA144TE DDTA115TE DDTA125TE Test Condition
NEW PRODUCT
Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current
Collector-Emitter Saturation Voltage
VCE(sat)
-0.3
V
DC Current Transfer Ratio Gain-Bandwidth Product*
* Transistor - For Reference Only
hFE fT
100
250 250
600
MHz
DS30319 Rev. 6 - 2
2 of 4 www.diodes.com
DDTA (R1-ONLY SERIES) E
(c) Diodes Incorporated
Typical Curves - DDTA114TE
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250 Pd, POWER DISSIPATION (MILLIWATTS)
1
IC/IB = 10
200
0.1
75 C
25 C -25C
NEW PRODUCT
150
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
12
IE = 0V
1,000 hFE, DC CURRENT GAIN (NORMALIZED)
10 COB, CAPACITANCE (pF)
100
8
6
10
4
2 0
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100
0
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
100
10
VO = 0.2
IC, COLLECTOR CURRENT (mA)
10
1
Vin, INPUT VOLTAGE (V)
0 1 2 3 4 5 6 7 8 9 10
1
0.1
0.01
0.001
0 0 10 20 30 40 50
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage
IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30319 Rev. 6 - 2
3 of 4 www.diodes.com
DDTA (R1-ONLY SERIES) E
(c) Diodes Incorporated
Ordering Information (Note 5)
Device DDTA113TE-7-F DDTA123TE-7-F DDTA143TE-7-F DDTA114TE-7-F DDTA124TE-7-F DDTA144TE-7-F DDTA115TE-7-F DDTA125TE-7-F
Notes:
NEW PRODUCT
Packaging SOT-523 SOT-523 SOT-523 SOT-523 SOT-523 SOT-523 SOT-523 SOT-523
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXXYM
XXX = Product Type Marking Code (See Page 1, e.g. P01 = DDTA113TE) YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code
2006 T Jan 1 Feb 2
2007 U Mar 3 Apr 4
2008 V May 5 Jun 6
2009 W Jul 7
2010 X Aug 8 Sep 9
2011 Y Oct O Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30319 Rev. 6 - 2
4 of 4 www.diodes.com
DDTA (R1-ONLY SERIES) E
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTA113TE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X